Electronic Components Datasheet Search
  English  ▼

X  

HMC463LP5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC463LP5
Description  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463LP5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC463LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 6
pin Number
function
Description
interface schematic
1, 3, 4, 6-14,
16-20, 22-29,
31, 32
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
rf/DC ground externally.
2
Vgg2
optional gate control if AGC is required.
leave Vgg2 open circuited if AGC is not required.
Typical Vgg2 = -1.5V to 0V
5
rfiN
This pad is AC coupled and matched to 50 ohms
15
Vgg1
Gate control for amplifier. Adjust to achieve idd = 60 mA.
21
rfoUT
This pad is AC coupled and matched to 50 ohms
30
Vdd
power supply voltage for the amplifier.
external bypass capacitors are required
Ground
paddle
GND
Ground paddle must be connected to rf/DC ground.
Pin Descriptions
HMC463LP5 / 463LP5E
v08.0511
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com