Electronic Components Datasheet Search
  English  ▼

X  

491LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 491LP3E
Description  GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

491LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  491LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 129
Bypass Mode
Input Return Loss vs. Temperature
Bypass Mode
Output Return Loss vs. Temperature
Bypass Mode
Input IP3 vs. Temperature
Bypass Mode
Input P1dB vs. Temperature
0
4
8
12
16
20
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
22
24
26
28
30
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-15
-12
-9
-6
-3
0
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC491LP3 / 491LP3E
GaAs MMIC LOW NOISE AMPLIFIER
w/ BYPASS MODE, 3.4 - 3.8 GHz
v03.1206
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
+2.7
7.6
+3.0
9.0
+3.3
10.2
Drain Bias Voltage (Vdd)
+7.0 Vdc
RF Input Power (RFIN)
(Vdd = +3.0 Vdc)
LNA Mode
Bypass Mode
0 dBm
+30 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 1.8 mW/°C above 85 °C)
0.117 W
Thermal Resistance
(channel to ground paddle)
556 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Absolute Maximum Ratings
LNA Mode
Vctl= Vdd @ 1.6 mA
Bypass Mode
Vctl= 0Vdc @ -13 µA
Vdd= +3V ±10%
Truth Table
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com