Electronic Components Datasheet Search
  English  ▼

X  

491LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 491LP3E
Description  GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

491LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  491LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 130
Pin Number
Function
Description
Interface Schematic
1, 5 - 8, 12, 13
N/C
No connection necessary.
These pins may be connected to RF/DC ground.
2, 4, 9, 11, 15
GND
These pins must be connected to RF/DC ground.
3
RF IN
This pin is AC coupled and matched to 50 Ohms.
10
RF OUT
This pin is AC coupled and matched to 50 Ohms.
14
Vdd
Power supply voltage.
16
Vctl
Control voltage. Vctl= Vdd for LNA mode.
Vctl= 0V for bypass mode.
Pin Descriptions
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
HMC491LP3 / 491LP3E
GaAs MMIC LOW NOISE AMPLIFIER
w/ BYPASS MODE, 3.4 - 3.8 GHz
v03.1206
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC491LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
491
XXXX
HMC491LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
491
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com