Electronic Components Datasheet Search
  English  ▼

X  

500LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 500LP3E
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

500LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  500LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 37
Absolute Maximum Ratings
RF Input (Vcc = +8V)
27 dBm
Supply Voltage (Vcc)
+10V
I & Q Input
-0.5V to +5.0V
Channel Temperature (Tc)
135 °C
Continuous Pdiss (T = 85°C)
(Derate 25 mW/°C above 85°C)
1.25 W
Thermal Resistance (R
th)
(junction to ground paddle)
40 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Note:
Modulator will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
7.6
85
8.0
90
8.4
95
Outline Drawing
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC500LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
500
XXXX
HMC500LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
500
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
PCB LAND PATTERN.
HMC500LP3 / 500LP3E
v02.1109
GaAs HBT VECTOR
MODULATOR 1.8 - 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com