Electronic Components Datasheet Search
  English  ▼

X  

500LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 500LP3E
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

500LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  500LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 500LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 35
Input Return Loss vs. Temperature
Maximum Gain vs. Temperature
Maximum Gain vs. Supply Voltage
Gain vs. Phase Settings @ F= 2 GHz
Phase vs. Phase Settings @ F= 2 GHz
vs. Various Gain Settings
Output Return Loss vs. Temperature
-20
-16
-12
-8
-4
0
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
1.7
1.8
1.9
2
2.1
2.2
2.3
Vcc= 7.6V
Vcc= 8.0V
Vcc= 8.4V
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
0
45
90
135
180
225
270
315
360
Max.
-5 dB
-10 dB
-20 dB
PHASE SETTING (DEGREES)
0
45
90
135
180
225
270
315
360
0
45
90
135
180
225
270
315
360
Max.
-5 dB
-10 dB
-20 dB
PHASE SETTING (DEGREES)
-40
-35
-30
-25
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
HMC500LP3 / 500LP3E
v02.1109
GaAs HBT VECTOR
MODULATOR 1.8 - 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com