Electronic Components Datasheet Search
  English  ▼

X  

MIC28500 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC28500
Description  75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28500 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC28500 Datasheet HTML 17Page - Micrel Semiconductor MIC28500 Datasheet HTML 18Page - Micrel Semiconductor MIC28500 Datasheet HTML 19Page - Micrel Semiconductor MIC28500 Datasheet HTML 20Page - Micrel Semiconductor MIC28500 Datasheet HTML 21Page - Micrel Semiconductor MIC28500 Datasheet HTML 22Page - Micrel Semiconductor MIC28500 Datasheet HTML 23Page - Micrel Semiconductor MIC28500 Datasheet HTML 24Page - Micrel Semiconductor MIC28500 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Micrel, Inc.
MIC28500
June 2011
21
M9999-060311-B
grease or thermal glue to make sure that the thermal
couple junction is making good contact with the case of
the IC. Omega brand thermal couple (5SC-TT-K-36-36)
is adequate for most applications.
Wherever
possible,
an
infrared
thermometer
is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs. However, a IR
thermometer from Optris has a 1mm spot size, which
makes it a good choice for measuring the hottest point
on the case. An optional stand makes it easy to hold the
beam on the IC for long periods of time.
External VIN Limiter Circuit
The external VIN limiter circuit can be implemented either
on EN pin or VDD pin. Only one of these VIN limiter
circuits is required. The external VIN limiter circuit limits
the minimum input to 30V. If the minimum input in
certain applications is more than 30V then neither of
these limiter circuits is needed. Enabling the device
below 30V VIN and under maximum loading could heat
up the device beyond safe operating conditions. The
following figures show the external VIN limiter circuit on
EN and VDD pins Figure 9A and Figure 9B respectively.
The VIN limiter on EN consists of D5, R22, D6, R23 and
VIN limiter on the VDD pin along with VDD supply
regulator consists of D4, R14, D2, and Q1.
Figure 9A: VIN Limiter On EN pin
Figure 9B: VIN Limiter On VDD pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com