Electronic Components Datasheet Search
  English  ▼

X  

HMC516LC5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC516LC5
Description  SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC516LC5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC516LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 141
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2, Vdd3)
+4 Vdc
RF Input Power (RFIN)(Vdd = +3.0 Vdc)
+5 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 14 mW/°C above 85 °C)
1.25 W
Thermal Resistance
(channel to die bottom)
71 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Vdd (Vdc)
Idd (mA)
+2.5
61
+3.0
65
+3.5
69
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage range shown
above.
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES
GOLD OVER 50 MICROINCHES MINIMUM NICKEL
3. DIMENSIONS ARE IN INCHES [MILLIMETERS]
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND
HMC516LC5
SMT PHEMT LOW NOISE
AMPLIFIER, 9 - 18 GHz
v02.1208
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com