Electronic Components Datasheet Search
  English  ▼

X  

HMC516LC5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC516LC5
Description  SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC516LC5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC516LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC516LC5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 138
HMC516LC5
SMT PHEMT LOW NOISE
AMPLIFIER, 9 - 18 GHz
v02.1208
General Description
Features
Functional Diagram
The HMC516LC5 is a high dynamic range GaAs
PHEMT MMIC Low Noise Amplifier (LNA) housed in
a leadless “Pb free” RoHS compliant SMT package.
The HMC516LC5 provides 20 dB of small signal
gain, 2 dB of noise figure and has an output IP3 of
+25 dBm. The P1dB output power of +13 dBm enables
the LNA to also function as a LO driver for balanced,
I/Q or image reject mixers. The HMC516LC5 allows
the use of surface mount manufacturing techniques.
Noise Figure: 2 dB
Gain: 20 dB
OIP3: +25 dBm
Single Supply: +3V @ 65 mA
50 Ohm Matched Input/Output
RoHS Compliant 5x5 mm Package
Electrical Specifications, T
A = +25° C, Vdd 1, 2, 3 = +3V
Typical Applications
The HMC516LC5 is ideal for use as a LNA or driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
9 - 12
12 - 18
GHz
Gain
17.5
20
18
20.5
dB
Gain Variation Over Temperature
0.015
0.025
0.015
0.025
dB/ °C
Noise Figure
2.0
2.5
2.0
2.5
dB
Input Return Loss
10
10
dB
Output Return Loss
12
12
dB
Output Power for 1 dB Compression (P1dB)
13
14
dBm
Saturated Output Power (Psat)
15
16
dBm
Output Third Order Intercept (IP3)
25
25
dBm
Supply Current (Idd)(Vdd = +3V)
65
88
65
88
mA


Similar Part No. - HMC516LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC516LC5 HITTITE-HMC516LC5 Datasheet
245Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
logo
Analog Devices
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
Point-to-Point Radios
More results

Similar Description - HMC516LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC516LC5 HITTITE-HMC516LC5 Datasheet
245Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
HMC374 HITTITE-HMC374 Datasheet
249Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
logo
Analog Devices
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
SMT PHEMT LOW NOISE AMPLIFIER
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com