Electronic Components Datasheet Search
  English  ▼

X  

535LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # 535LP4E
Description  PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

535LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button 535LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 9Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 168
Pin Number
Function
Description
Interface Schematic
15
REF
PFD reference input.
(This pin must be DC blocked externally)
16
NREF
PFD reference input compliment.
(This pin must be DC blocked externally)
17
NU
PFD not up output.
18
ND
PFD not down output.
19
LD
PFD lock detector output.
20
Vcc3
Digital circuitry supply voltage, +5V.
Package
Base
GND
Package bottom has an exposed metal paddle that
must be connected to RF / DC ground.
Pin Descriptions (Continued)
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com