Electronic Components Datasheet Search
  English  ▼

X  

535LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 535LP4E
Description  PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

535LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  535LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 535LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 163
Parameter
Min.
Typ.
Max.
Units
VCO Characteristics:
RF Operating Freq.
RF Power
RF Tuning Sensitivity
Tuning Voltage Leakage Current
RF Phase Noise
RF Harmonics
RF Pushing
RF Pulling
RF Drift Rate
3 dB Modulator Bandwidth
V
tune +2 to +9.5 V
V
tune 0 to +2 V
V
tune +9.5 to +12 V
V
tune +2 to +9.5 V
100 kHz offset
1/2 F
OP
3/2 F
OP
4/2 F
OP
5/2 F
OP
VSWR 2:1 any phase
VT
VCO input
14.7
6
—
—
50
—
—
—
—
—
—
—
—
—
30
—
9
160
—
—
—
-108
—
—
—
—
—
—
—
—
15.4
—
—
590
—
25
—
-20
-35
-8
-25
-125
10
20
—
GHz
dBm
MHz/V
MHz/V
MHz/V
μA
dBc/Hz
dBc
dBc
dBc
dBc
MHz/V
MHz
MHz/ °C
MHz
Phase Frequency Detector:
REF Input Capacitance
REF Input Resistance
REF Input VSWR
Output High Voltage
Output Low Voltage
Phase Noise
Referenced to 50 Ohms
—
—
—
—
Vcc3 -1.9
—
—
50
—
Vcc3
Vcc3 -1.95
-150
10
—
2:1
—
Vcc3 -2
—
pF
Ohm
V
V
dBc/Hz
Op-Amp Characteristics:
Input Offset Voltage
Input bias Current
Large-Signal Voltage Gain
Common Mode Rejection Ratio
Input Common Mode Range
Power Supply Rejection Ratio
Output Voltage Swing Low
Output Voltage Swing High
Gain Bandwidth Product
Slew Rate
Phase Margin
Input Voltage Noise
V
CM = 2.5V, 5.2V
V
CM = 2.5V, 5.2V
Open Loop, No Load
V
CM = 2.5V
Frequency = 1 MHz
V
CM = 2.5V
Frequency = 1 MHz
No Load,
I
SINK = 5 mA
No Load
I
SOURCE = 5 mA
Frequency = 6 MHz
A
V = 10, No Load
V
O = 10V
Open Loop
Frequency = 10 kHz
—
—
—
—
2.5
—
—
—
10
10
—
—
—
—
1
5
69
104
—
63
0.8
0.81
10.5
10.2
400
146
110
1.6
—
—
—
—
5.2
—
1.2
1.2
—
—
—
—
—
—
mV
μA
dB
dB
V
dB
V
V
V
V
MHz
V/μs
Deg
nV / sqrt (Hz)
Prescaler (Divider) Characteristics:
Prescaler Division
Phase Noise
—
—
64
-156
—
—dBc/Hz
Electrical Specifications, (Continued)
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com