Electronic Components Datasheet Search
  English  ▼

X  

HMC538LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC538LP4
Description  600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC538LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC538LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 6
Pin Number
Function
Description
Interface Schematic
1, 2, 4-15,
17-20, 22-24
N/C
No connection required. These pins may be connected to
RF/DC ground without affecting performance.
3
RFIN
Port is DC blocked.
16
RFOUT
Port is DC blocked.
21
Vctl
Phase shift control pin. Application of a voltage between 0 and 5 volts causes
the transmission phase to change. The DC equivalent circuit is a series con-
nected diode and resistor.
GND
Ground: Backside of package has exposed metal ground slug that must be
connected to ground thru a short path. Vias under the device are required.
Pin Descriptions
Outline Drawing
600° ANALOG PHASE SHIFTER,
6 - 15 GHz
v02.0209
HMC538LP4 / 538LP4E
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
6. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC538LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H538
XXXX
HMC538LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H538
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com