Electronic Components Datasheet Search
  English  ▼

X  

HMC538LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC538LP4
Description  600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC538LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC538LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC538LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 7
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 108812 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
U1
HMC538LP4 / HMC538LP4E
Analog Phase Shifter
PCB [2]
111296 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
600° ANALOG PHASE SHIFTER,
6 - 15 GHz
v02.0209
HMC538LP4 / 538LP4E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com