Electronic Components Datasheet Search
  English  ▼

X  

HMC539LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC539LP3
Description  0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC539LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC539LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC539LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC539LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC539LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC539LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC539LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 164
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC539LP3 / 539LP3E
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
v00.0605
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
The HMC539LP3 / HMC539LP3E is ideal for both RF
and IF applications:
• Cellular Infrastructure
• ISM, MMDS, WLAN, WiMAX, WiBro
• Microwave Radio & VSAT
• Test Equipment and Sensors
0.25 dB LSB Steps to 7.75 dB
± 0.05 dB Typical Step Error
Low Insertion Loss: 0.7 dB
High IP3: +50 dBm
Single Control Line Per Bit
TTL/CMOS Compatible Control
Single +5V Supply
3x3 mm SMT Package
The HMC539LP3 & HMC539LP3E are broadband
5-bit GaAs IC digital attenuators in low cost lead-
less surface mount packages. This single positive
control line per bit digital attenuator utilizes an off
chip AC ground capacitor for near DC operation,
making it suitable for a wide variety of RF and IF
applications. Covering DC to 4 GHz, the insertion loss
is less than 0.7 dB typical. The attenuator bit values
are 0.25 (LSB), 0.5, 1, 2, and 4 dB for a total attenu-
ation of
7.75 dB. Attenuation accuracy is excellent
at ± 0.05 dB typical step error. The attenuator also
features a high IIP3 of +50 dBm.
Five TTL/CMOS
control inputs are used to select each attenuation
state. A single Vdd bias of +5V is required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.5 GHz
1.5 - 3.0 GHz
3.0 - 4.0 GHz
0.7
1.0
1.3
1.0
1.3
1.7
dB
dB
dB
Attenuation Range
DC - 4 GHz
7.75
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 3 GHz
3.0 - 4.0 GHz
25
20
dB
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
All States
DC - 3 GHz
3.0 - 4.0 GHz
± (0.2 + 2% of Atten. Setting) Max.
± (0.2 + 4% of Atten. Setting) Max.
dB
dB
Input Power for 0.1 dB Compression
0.1 - 4.0 GHz
28
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
0.1 - 4.0 GHz
50
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 4 GHz
48
52
ns
ns
Typical Applications
Features
General Discription


Similar Part No. - HMC539LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC539LP3 HITTITE-HMC539LP3 Datasheet
353Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
HMC539LP3E HITTITE-HMC539LP3E Datasheet
353Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
More results

Similar Description - HMC539LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC539LP3 HITTITE-HMC539LP3 Datasheet
353Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC603MS10 HITTITE-HMC603MS10_08 Datasheet
236Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC539ALP3 AD-HMC539ALP3 Datasheet
536Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHzFor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com