Electronic Components Datasheet Search
  English  ▼

X  

BCG13D Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCG13D
Description  5-4000 MHz Cascadeable InGaP HBT Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCG13D Datasheet(HTML) 2 Page - BeRex Corporation

  BCG13D Datasheet HTML 1Page - BeRex Corporation BCG13D Datasheet HTML 2Page - BeRex Corporation BCG13D Datasheet HTML 3Page - BeRex Corporation BCG13D Datasheet HTML 4Page - BeRex Corporation BCG13D Datasheet HTML 5Page - BeRex Corporation BCG13D Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BeRex
BCG13D
http: //www.berex.com
S-parameter test circuit
Chip attachment on PF083
I-V characteristics
Generic PF083 Evaluation Board
(31mil thick FR4)
Application Circuit: 5-4000 MHz
Typical Performance (Vc = 5V, Ic = 69mA, T = 25
°C)
Freq
MHz
900
1900
2450
S21
dB
24.9
23.0
22.5
S11
dB
-11.7
-10.4
-11.9
S22
dB
-7.6
-13.4
-12.0
P1
dBm
19.0
19.0
19.0
OIP3
dBm
32.0
32.0
31.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com