Electronic Components Datasheet Search
  English  ▼

X  

BCG13D Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCG13D
Description  5-4000 MHz Cascadeable InGaP HBT Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCG13D Datasheet(HTML) 3 Page - BeRex Corporation

  BCG13D Datasheet HTML 1Page - BeRex Corporation BCG13D Datasheet HTML 2Page - BeRex Corporation BCG13D Datasheet HTML 3Page - BeRex Corporation BCG13D Datasheet HTML 4Page - BeRex Corporation BCG13D Datasheet HTML 5Page - BeRex Corporation BCG13D Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BeRex
BCG13D
http: //www.berex.com
Schematic Diagram
BOM
Tolerance
C1
100pF
±5%
C2
100pF
±5%
C3
100pF
±5%
C4
1000pF
±5%
C5
10uF
±20%
L1*
39nH
5%
*Note:
1. Chip is mounted on the PF083 open PKG, and bonded with 2-wires at both input and
output.
2. Less than 20nH improves RF performance at frequencies over 1.9GHz.
3. 40nH or higher value L1 improves RF performance at frequencies under 500MHz.
4. Optimum value of L1 may vary with board design.
Typical Device Data
S-parameters (Vc=5V, Ic=65mA, T=25
°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com