Electronic Components Datasheet Search
  English  ▼

X  

HMC581LP6 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC581LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC581LP6 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC581LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8
8 - 189
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 7
RF1, RF2
These pins are DC coupled and matched to 50 Ohms.
2, 4, 6, 8, 10, 12,
14, 16, 18, 20, 22,
24, 26, 28
GND
Backside of package has exposed metal ground slug
that must also be connected to ground.
3Vdd
Power supply for the second stage LO amplifier. One
external bypass capacitor (1,000 pF) is required.
61 mA typical, 73 mA maximum.
5, 15, 19
N/C
No connection. These pins may be connected to RF
ground. Performance will not be affected.
9, 27
MIX IF2,
MIX IF1
IF output from the mixers. This pin is DC coupled to
the mixer. A low pass filter and blocking capacitor are
required between mixer IF port and IF amplifier.
(See application circuit).
11, 25
AMP IF2,
AMP IF1
Inputs to the IF amplifiers. A low pass filter and block-
ing capacitor are required between mixer IF port and IF
amplifier. (See application circuit).
13, 23
IF2, IF1
Outputs of the IF amplifiers and bias ports for the IF
amplifiers. A pull up inductor, resistor, and bypass
capacitors are required. (See application circuit).
IF1 = 71 mA typical, 85 mA maximum.
IF2 = 71 mA typical, 85 mA maximum.
17
LO
This pin is AC coupled and matched to 50 Ohms.
21
Vdd LO
Bias voltage for the first stage of the LO amplifier. A
pull up inductor, resistor, and bypass capacitors are
required. (See application circuit).
53 mA typical, 64 mA maximum.
Pin Descriptions
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 800 - 960 MHz
v00.0806
HMC581LP6 / 581LP6E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com