Electronic Components Datasheet Search
  English  ▼

X  

HMC581LP6 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC581LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC581LP6 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC581LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8
8 - 186
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input & Output IP3 vs. Temperature
@ LO = 0 dBm, IF = 200 MHz
Input & Output IP3 vs LO Drive,
IF = 200 MHz
Noise Figure vs. IF Frequency
Branch Isolation RF1, IF2 @ LO = 0 dBm
Input & Output IP2 vs.
LO Drive, IF = 200 MHz
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 800 - 960 MHz
v00.0806
HMC581LP6 / 581LP6E
40
45
50
55
60
65
70
0.7
0.8
0.9
1
1.1
IIP2, -2dBm
IIP2, 0dBm
IIP2, +2dBm
OIP2, -2dBm
OIP2, 0dBm
OIP2,+2dBm
RF FREQUENCY (GHz)
OUTPUT IP2
INPUT IP2
10
15
20
25
30
35
40
0.7
0.8
0.9
1
1.1
IIP3, +25C
IIP3, +85C
IIP3, -40C
OIP3, +25C
OIP3, +85C
OIP3, -40C
RF FREQUENCY (GHz)
OUTPUT IP3
INPUT IP3
0
5
10
15
20
25
30
35
40
0.7
0.8
0.9
1
1.1
IIP3, -2dBm
IIP3, 0dBm
IIP3, +2dBm
OIP3, -2dBm
OIP3, 0dBm
OIP3, +2dBm
RF FREQUENCY (GHz)
OIP3
IIP3
0
4
8
12
16
20
50
100
150
200
250
300
350
400
LO=700MHz
LO=800MHz
LO=1000MHz
LO=1100MHz
LO=1200MHz
IF FREQUENCY (MHz)
-52
-48
-44
-40
-36
0.7
0.8
0.9
1
1.1
RF FREQUENCY (GHz)
* Unless otherwise noted all measurements with low side LO & IF = 105 MHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com