Electronic Components Datasheet Search
  English  ▼

X  

BCT013 Datasheet(PDF) 10 Page - BeRex Corporation

Part # BCT013
Description  1500-4000 MHz Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCT013 Datasheet(HTML) 10 Page - BeRex Corporation

Back Button BCT013 Datasheet HTML 5Page - BeRex Corporation BCT013 Datasheet HTML 6Page - BeRex Corporation BCT013 Datasheet HTML 7Page - BeRex Corporation BCT013 Datasheet HTML 8Page - BeRex Corporation BCT013 Datasheet HTML 9Page - BeRex Corporation BCT013 Datasheet HTML 10Page - BeRex Corporation BCT013 Datasheet HTML 11Page - BeRex Corporation BCT013 Datasheet HTML 12Page - BeRex Corporation BCT013 Datasheet HTML 13Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BeRex
BCT013
http: //www.berex.com
Confidential
Application Circuit: 3500MHz
Schematic Diagram
BOM
Tolerance
C1
22pF
±5%
C2
0.75pF
±5%
C3
0.5pF
±5%
C4
100pF
±5%
C5
1000pF
±5%
C6
10uF
±20%
C7
0.5pF
±5%
C8
22pF
±5%
L1
33nH
±5%
Note:
1. Chip is mounted on the PF083 open
PKG, and bonded with 2-wires at
both input and output.
2 PCB: 31mil thick FR4
3 Distance between the center of the
shunt cap(C2) and the input pin of
BT013 is 10mm
4 Distance between the center of the
series cap(C3) and the input pin of
BT013 is 4mm
5 Distance between the center of the
shunt cap(C7) and the output pin of
BT03 is 3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com