Electronic Components Datasheet Search
  English  ▼

X  

BCT013 Datasheet(PDF) 6 Page - BeRex Corporation

Part # BCT013
Description  1500-4000 MHz Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCT013 Datasheet(HTML) 6 Page - BeRex Corporation

Back Button BCT013 Datasheet HTML 2Page - BeRex Corporation BCT013 Datasheet HTML 3Page - BeRex Corporation BCT013 Datasheet HTML 4Page - BeRex Corporation BCT013 Datasheet HTML 5Page - BeRex Corporation BCT013 Datasheet HTML 6Page - BeRex Corporation BCT013 Datasheet HTML 7Page - BeRex Corporation BCT013 Datasheet HTML 8Page - BeRex Corporation BCT013 Datasheet HTML 9Page - BeRex Corporation BCT013 Datasheet HTML 10Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BeRex
BCT013
http: //www.berex.com
Confidential
Application Circuit: 2100 MHz
Schematic Diagram
BOM
Tolerance
C3
C1
C2
L1
C4
C6
C5
C7
RF In
RF Out
Vcc
BT013
C1
100pF
±5%
C2
1000pF
±5%
C3
10uF
±15%
C4
24pF
±5%
C5
24pF
±5%
C6
3pF
±5%
C7
0.5pF
±5%
L1
33nH
±5%
Note:
1. Chip is mounted on the PF083 open
PKG, and bonded with 2-wires at
Both input and output.
2. PCB: 31mil thick FR4
3. Distance between the center of the
shunt cap(C6) and the input pin of
BT013 is 1.5mm
4. Distance between the center of the
shunt cap(C7) and the output pin of
BT03 is 6.4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com