Electronic Components Datasheet Search
  English  ▼

X  

601LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # 601LP4E
Description  75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

601LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  601LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 16
Item
Description
J1 - J4
PC Mount SMA Connector
J5 - J8
DC Pin
C1, C2
1000 pF Capacitor, 0402 Pkg.
C3, C4
0.1μF Capacitor, 0402 Pkg.
R1, R2
5.6Ω Resistor, 0603 Pkg.
R3-R5
0Ω Resistor, 0603 Pkg.
U1
HMC601LP4 / HMC601LP4E
Logarithmic Detector / Controller
PCB [2]
115244 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 115242 [1]
HMC601LP4 / 601LP4E
v01.0509
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com