Electronic Components Datasheet Search
  English  ▼

X  

601LP4E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 601LP4E
Description  75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

601LP4E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  601LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 17
HMC601LP4 / 601LP4E
v01.0509
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz
Application & Evaluation PCB Schematic
Notes
Note 1: The HMC601LP4 & HMC601LP4E evaluation boards are pre-assembled for single-ended input, and detector/RSSI mode.
Note 2: For single-ended input operation, use the INP port and make no connection to INN. INN is AC coupled to ground by C2
Note 3: For differential input, remove C2, and install a 1000pF capacitor in series with INN at location shown.
Note 4: For detector mode, connect high impedence volt meter to the LOGOUT port, and make no connection to VSET. LOGOUT
is shorted to VSET by R3, as required for detector mode.
Note 5: For controller mode, remove R3 and make appropriate connection to LOGOUT and VSET. In controller mode, the
LOGOUT output can be used to drive a variable gain amplifier, or a variable attenuator, either directly or through a buffer
or microcontroller. VSET should be connected to an external supply, typically between +0.6 and +1.9V.
Power-Up Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com