Electronic Components Datasheet Search
  English  ▼

X  

HMC618LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC618LP3
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC618LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC618LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
[1] Vdd = 5V, rbias = 470 ohm [2] Vdd = 3V, rbias = 10K ohm
Output IP3 and Idd vs.
Supply Voltage @ 1750 MHz [1]
Output IP3 and Idd vs.
Supply Voltage @ 1750 MHz [2]
HMC618LP3 / 618LP3E
v08.1210
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz
24
26
28
30
32
34
36
38
0
20
40
60
80
100
120
140
2.7
3
3.3
VOLTAGE SUPPLY (V)
24
26
28
30
32
34
36
38
0
20
40
60
80
100
120
140
4.5
5
5.5
VOLTAGE SUPPLY (V)
Output IP3 and Idd vs.
Supply Voltage @ 2100 MHz [1]
Output IP3 and Idd vs.
Supply Voltage @ 2100 MHz [2]
24
26
28
30
32
34
36
38
0
20
40
60
80
100
120
140
2.7
3
3.3
VOLTAGE SUPPLY (V)
24
26
28
30
32
34
36
38
0
20
40
60
80
100
120
140
4.5
5
5.5
VOLTAGE SUPPLY (V)
Power Compression @ 1750 MHz [1]
Power Compression @ 1750 MHz [2]
-10
0
10
20
30
-18
-16
-14
-12
-10
-8
-6
-4
-2
Pout
Gain
PAE
INPUT POWER (dBm)
-10
0
10
20
30
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Pout
Gain
PAE
INPUT POWER (dBm)
1700 to 2200 MHz Tune



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com