Electronic Components Datasheet Search
  English  ▼

X  

HMC618LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC618LP3
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC618LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC618LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
Output Return Loss vs. Temperature [1]
Reverse Isolation vs. Temperature [1]
-25
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
- 40C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
- 40C
FREQUENCY (GHz)
[1] Vdd = 5V, rbias = 470 ohm [2] Vdd = 3V, rbias = 10K ohm
[3] measurement reference plane shown on evaluation pCB drawing.
Psat vs. Temperature [1] [2]
Noise Figure vs Temperature [1] [2] [3]
Output P1dB vs. Temperature [1] [2]
Output IP3 vs. Temperature [1] [2]
24
26
28
30
32
34
36
38
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
- 40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
10
12
14
16
18
20
22
24
1.6
1.7
1.8
1.9
2
2.1
+25C
+85C
- 40C
FREQUENCY (GHz)
Vdd=3V
Vdd=5V
10
12
14
16
18
20
22
24
1.6
1.7
1.8
1.9
2
2.1
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
+85C
+25 C
-40C
HMC618LP3 / 618LP3E
v08.1210
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz
1700 to 2200 MHz Tune



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com