Electronic Components Datasheet Search
  English  ▼

X  

628LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 628LP4E
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

628LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  628LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
12 - 34
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC628LP4 / 628LP4E
v07.0410
Functional Diagram
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vdd= +5V
The HMC628LP4(E) is ideal for:
• Cellular/3G Infrastructure
• WiBro / WiMAX / 4G
• Microwave Radio & VSAT
• Test Equipment and Sensors
• IF & RF Applications
TTL/CMOS compatible serial, parallel or latched
parallel control interface
High Output IP3: +35 dBm (At all gain settings)
Wide Gain Control Range: 23 dB
Power-up State Selection
24 Lead 4x4 mm SMT Package: 16 mm2
Excellent State & Step Accuracy (±0.05 dB)
The HMC628LP4(E) is a digitally controlled variable
gain amplifier which operates from 50 to 800 MHz,
and can be programmed to provide anywhere from
8 dB attenuation, to 15 dB of gain, in 1.0 dB steps.
The HMC628LP4(E) delivers noise figure of 5 dB in its
maximum gain state, with output IP3 of up to +35 dBm
in any state. The dual mode control interface is CMOS/
TTL compatible, and accepts either a three wire serial
input or a 5 bit parallel word. The HMC628LP4(E) also
features a user selectable power up state and a serial
output port for cascading other Hittite serial controlled
components. The HMC628LP4(E) is housed in a
RoHS compliant 4x4 mm QFN leadless package, and
is available in three evaluation board configurations,
depending on the application frequency.
Parameter
50 - 250
250 - 500
500 - 800
MHz
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Gain (Maximum Gain State)
13
15
12.8
14
10.5
13
dB
Gain Control Range
23
23
23
dB
Input Return Loss
12
10
10
dB
Output Return Loss
10
12.5
9
dB
Gain Accuracy: (Referenced to Maximum Gain State)
± (0.1 + 1% of Gain
Setting )Max
± (0.4 + 2% of Gain
Setting )Max
± (0.4 + 4% of Gain
Setting )Max
dB
Output Power for 1dB Compression
19
19.5
16
18
14
18
dBm
Output Third Order Intercept Point
35 [1]
33 [2]
32 [3]
dBm
Output Second Order Intercept Point
46 [1]
54 [2]
55 [3]
dBm
Harmonics
2nd
3rd
46
69
55
75
62
83
dBc
dBc
Switching Characteristics
tRISE, tFALL (10 / 90% RF)
11
18
ns
ns
tON, tOFF ( Latch Enable to 10 / 90% RF)
Noise Figure
5
6
6.5
dB
Supply Current (Idd)
6585
6585
6585
mA
[1] Two-Tone Output Power @ 5 dBm
[2] Two-Tone Output Power @ 2 dBm
[3] Two-Tone Output Power @ 0 dBm
Typical Applications
Features
General Description
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz


Similar Part No. - 628LP4E

ManufacturerPart #DatasheetDescription
logo
Bi technologies
628L BITECH-628L Datasheet
56Kb / 4P
R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Welwyn Components Limit...
628L WELWYN-628L Datasheet
181Kb / 4P
R/2R Ladder Thick Film DIP Surface Mount
logo
TT Electronics.
628L TTELEC-628L Datasheet
202Kb / 4P
Resistors
07.14
628L104 TTELEC-628L104 Datasheet
202Kb / 4P
Resistors
logo
Bi technologies
628L104TR4 BITECH-628L104TR4 Datasheet
56Kb / 4P
R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
More results

Similar Description - 628LP4E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC627LP5 HITTITE-HMC627LP5_10 Datasheet
1,023Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
HMC680LP4 HITTITE-HMC680LP4_10 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
BeRex Corporation
BVA518 BEREX-BVA518 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304 Datasheet
4Mb / 22P
50-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA518 BEREX-BVA518_18 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com