Electronic Components Datasheet Search
  English  ▼

X  

628LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 628LP4E
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

628LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  628LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 628LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
12 - 36
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Step Error vs. Frequency
(Only Major States are Shown)
Normal Relative Phase vs. Frequency
(Only Major States are Shown)
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.05
0.1
0.15
0.2
0.25
FREQUENCY (GHz)
-30
-15
0
15
30
0.05
0.1
0.15
0.2
0.25
FREQUENCY (GHz)
1 - 23 dB
Bit Error vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
4
8
12
16
20
24
ATTENUATION STATE (dB)
(50, 100, 150, 200, 250) MHz
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0.05
0.1
0.15
0.2
0.25
FREQUENCY (GHz)
50 to 250 MHz Tuning
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
8
9
10
0.05
0.1
0.15
0.2
0.25
FREQUENCY (GHz)
Output IP3 vs. Attenuation @ 150 MHz
15
20
25
30
35
40
45
0
5
10
15
20
25
ATTENUATION (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com