Electronic Components Datasheet Search
  English  ▼

X  

HMC666LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC666LP4E
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC666LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC666LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 4
HMC666LP4 / 666LP4E
v02.1010
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 3.1 - 3.9 GHz
Harmonics of LO
MxN Spurious @ IF Port
nLO
mRF
0
1
2
3
4
0
xx
22
31
35
51
1
35
0
44
35
69
2
85
69
57
68
81
3
105
85
91
67
85
4
120
120
120
113
108
RF Freq. = 3.5 GHz @ 0 dBm
LO Freq. = 3.2 GHz @ 0 dBm
All values in dBc below IF power level (1RF - 1LO).
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
2.7
31
33
46
55
2.8
30
30
46
60
2.9
28
30
47
59
3.0
28
29
48
55
3.1
27
28
48
53
3.2
27
29
48
70
3.3
27
30
51
58
3.4
28
31
56
52
3.5
28
33
55
48
3.6
29
34
57
45
3.7
30
35
58
46
LO = 0 dBm
All values in dBc below input LO level measured at RF port.
Typical Supply Current vs. Vcc
Vcc1, 2, 3 (V)
Icc total (mA)
4.75
149
5.00
162
5.25
174
Downconverter will operate over full voltage range shown above.
Absolute Maximum Ratings
RF / IF Input (Vcc1, 2, 3 = +5V)
+23 dBm
LO Drive (Vcc1, 2, 3 = +5V)
+10 dBm
Vcc1, 2, 3
5.5V
Channel Temperature
125 °C
Continuous Pdiss (T = 85°C)
(derate 36.23 mW/°C above 85°C)
1.45 W
Thermal Resistance
(channel to ground paddle)
27.6 °C/W
Storage Temperature
-65 to 150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Upconverter Performance
Conversion Gain vs. LO Drive
Upconverter Performance
Input IP3 vs. LO Drive [1]
16
20
24
28
32
36
3
3.2
3.4
3.6
3.8
4
-3 dBm
0 dBm
+3 dBm
+6 dBm
FREQUENCY (GHz)
-20
-15
-10
-5
0
3
3.2
3.4
3.6
3.8
4
-3 dBm
0 dBm
+3 dBm
+6 dBm
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com