Electronic Components Datasheet Search
  English  ▼

X  

HMC666LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC666LP4E
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC666LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC666LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC666LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 3
HMC666LP4 / 666LP4E
v02.1010
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 3.1 - 3.9 GHz
[1] Two-tone input power = +10 dBm each tone, 1 MHz spacing. [2] Referenced to RF Input Power at 0 dBm.
Input IP3 vs. Temperature [1]
+2RF -2LO Response vs. LO Drive [2]
Input IP3 vs. LO Drive [1]
+2RF -2LO Response vs. Temperature [2]
+3RF -3LO Response vs. LO Drive [2]
+3RF -3LO Response vs. Temperature [2]
20
24
28
32
36
40
3
3.2
3.4
3.6
3.8
4
-3 dBm
0 dBm
+3 dBm
+6 dBm
FREQUENCY (GHz)
60
65
70
75
80
85
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
-3 dBm
0 dBm
+3 dBm
+6 dBm
FREQUENCY (GHz)
60
65
70
75
80
85
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
+25 C
+85 C
-40 C
FREQUENCY (GHz)
40
50
60
70
80
90
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
-3 dBm
0 dBm
+3 dBm
+6 dBm
FREQUENCY (GHz)
40
50
60
70
80
90
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
25
30
35
40
3
3.2
3.4
3.6
3.8
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com