Electronic Components Datasheet Search
  English  ▼

X  

680LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 680LP4E
Description  BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

680LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  680LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC680LP4 / 680LP4E
v03.0609
BiCMOS MMIC 5-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
Absolute Maximum Ratings
rf input power
20 dbm
rf Output power
22 dbm
digital inputs (b0-b4, latch enable)
-0.5 to Vdd +0.5V
bias Voltage (Vdd)
5.6 V
Channel temperature
125 °C
Continuous pdiss (t = 85 °C)
(derate 42 mW/°C above 85 °C)
1.7 W
thermal resistance
(channel to ground paddle)
24 °C/W
storage temperature
-65 to +150 °C
Operating temperature
-40 to +85 °C
eleCtrOstatiC sensitiVe deViCe
ObserVe Handling preCaUtiOns
Amp Bias Voltage
Vdd rf (V)
idd (typ.) (ma)
5V
244
attenUatiOn (db)
b4[1]
b3[1]
b2
b1
b0
0
0
0
0
0
0
1
0
0
0
0
1
2
0
0
0
1
0
3
0
0
0
1
1
4
0
0
1
0
0
5
0
0
1
0
1
6
0
0
1
1
0
7
0
0
1
1
1
8
0
1
0
0
0
9
0
1
0
0
1
10
0
1
0
1
0
11
0
1
0
1
1
12
0
1
1
0
0
13
0
1
1
0
1
14
0
1
1
1
0
15
0
1
1
1
1
16
1
X
0
0
0
17
1
X
0
0
1
18
1
X
0
1
0
19
1
X
0
1
1
20
1
X
1
0
0
21
1
X
1
0
1
22
1
X
1
1
0
23
1
X
1
1
1
[1] enabling b4 disables b3, the minimum attenuation is 16 db
Truth Table
Harmonics vs. Frequency
Supply Current vs. Temperature
-100
-80
-60
-40
-20
0
0
0.1
0.2
0.3
0.4
0.5
0.6
2nd Harmonic
3rd Harmonic
FREQUENCY (GHz)
200
220
240
260
280
4.5
5
5.5
-40C
+25C
+85C
VOLTAGE (V)
Control Interface:
the gain of HmC680lp4(e) is controlled by adjusting the state of the attenuator. the attenuator has a 5-bit parallel
CmOs/ttl compatible interface. state of the attenuator can be set with respect to the truth table above.
Power on sequence:
the ideal power up sequence is: gnd, Vdd, digital inputs, rf inputs. relative order of the digital inputs is not
important as long as they are powered after Vdd/gnd.
Control Voltage Table
state
Vdd = +3V
Vdd = +5V
low
0 to 0.5V @ <1 µa
0 to 0.8V @ <1 µa
High
2 to 3V @ <1 µa
2 to 5V @ <1 µa



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com