Electronic Components Datasheet Search
  English  ▼

X  

680LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 680LP4E
Description  BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

680LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  680LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 680LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
12 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC680LP4 / 680LP4E
v03.0609
BiCMOS MMIC 5-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
Input Return Loss
(Only Major States are Shown)
Normalized Attenuation
(Only Major States are Shown)
Maximum Gain vs. Frequency
Output Return Loss
(Only Major States are Shown)
-35
-30
-25
-20
-15
-10
-5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
8 dB
16 dB
23 dB
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
I.L
Maximum Attenuation
-30
-25
-20
-15
-10
-5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
I.L
Maximum Attenuation
0
5
10
15
20
25
0
0.1
0.2
0.3
0.4
0.5
0.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Bit Error vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
4
8
12
16
20
24
ATTENUATION STATE (dB)
Bit Error < 1dB, 400MHz And Below
Bit Error > 1dB, 450MHz And Above
600MHz
30MHz
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
1, 2, 4, 8, 16 dB
23 dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com