Electronic Components Datasheet Search
  English  ▼

X  

SY898535L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY898535L
Description  Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY898535L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY898535L Datasheet HTML 1Page - Micrel Semiconductor SY898535L Datasheet HTML 2Page - Micrel Semiconductor SY898535L Datasheet HTML 3Page - Micrel Semiconductor SY898535L Datasheet HTML 4Page - Micrel Semiconductor SY898535L Datasheet HTML 5Page - Micrel Semiconductor SY898535L Datasheet HTML 6Page - Micrel Semiconductor SY898535L Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micrel, Inc.
SY898535L
June 2011
2
M9999-062211-B
hbwhelp@micrel.com or (408) 955-1690
Ordering Information(1)
Part Number
Package Type
Operating Range
Package Marking
SY898535LKY
K4-20-1
Industrial
898535L with Pb-Free Bar-Line Indicator
SY898535LKYTR
(2)
K4-20-1
Industrial
898535L with Pb-Free Bar-Line Indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals Only.
2. Tape and Reel.
Truth Table
Inputs
Outputs
CLK_EN
CLK_SEL
Selected Source
Q0 :Q3
/Q0:/Q3
0
0
CLK0
Disabled : LOW
Disabled : HIGH
0
1
CLK1
Disabled : LOW
Disabled : HIGH
1
0
CLK0
Enabled
Enabled
1
1
CLK1
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com