Electronic Components Datasheet Search
  English  ▼

X  

SY898535L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY898535L
Description  Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY898535L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY898535L Datasheet HTML 1Page - Micrel Semiconductor SY898535L Datasheet HTML 2Page - Micrel Semiconductor SY898535L Datasheet HTML 3Page - Micrel Semiconductor SY898535L Datasheet HTML 4Page - Micrel Semiconductor SY898535L Datasheet HTML 5Page - Micrel Semiconductor SY898535L Datasheet HTML 6Page - Micrel Semiconductor SY898535L Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Micrel, Inc.
SY898535L
June 2011
3
M9999-062211-B
hbwhelp@micrel.com
Pin Configuration
20-Pin TSSOP (K4-20-1)
Pin Description
Pin Number
Pin Name
Pin Function
1
VEE
Ground.
2
CLK_EN
Single-Ended Input: This TTL/CMOS input disables and enables the Q0-Q3 outputs. It is
internally connected to a 51kΩ pull-up resistor and will default to a logic HIGH state if left open.
When disabled, Q goes LOW and /Q goes HIGH. CLK_EN being synchronous, outputs will be
enabled/disabled following a rising and a falling edge of the input clock. VTH = is approximately
1.5V.
3
CLK_SEL
Single-Ended Input: This single-ended TTL/CMOS-compatible input selects the input to the
multiplexer. If HIGH, selects CLK1 input. When LOW, it selects CLK0 input. Note that this input
is internally connected to a 51kΩ pull-down resistor and will default to logic LOW state if left
open. VTH = is approximately 1.5V.
4
CLK0
Single-Ended Input: This LVCMOS or LVTTL signal is the input signal to the device. It is
internally connected to a 51kΩ pull-down resistor and will default to a logic LOW state if left
open. This input is selected when CLK_SEL is set to logic LOW.
6
CLK1
Single-Ended Input: This LVCMOS or LVTTL signal is the input signal to the device. It is
internally connected to a 51kΩ pull-down resistor and will default to a logic LOW state if left
open. This input is selected when CLK_SEL is set to logic HIGH.
5, 7, 8, 9
NC
Unused Pins
10, 13, 18
VCC
Positive Power Supply Pins: Bypass with 0.1µF||0.01µF low ESR capacitors as close to the VCC
pins as possible.
20, 19
17, 16
15, 14
12, 11
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
LVPECL Differential Output Pairs: Differential buffered output copies the selected input signal.
The output swing is typically 800mV. Unused output pairs may be left floating with no impact on
jitter. These differential LVPECL outputs are a logic function of the CLK0 and CLK1 inputs. See
“Truth Table” below.
or (408) 955-1690



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com