Electronic Components Datasheet Search
  English  ▼

X  

HMC708LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC708LP5
Description  0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC708LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC708LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
12 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC708LP5 / 708LP5E
v03.0409
Functional Diagram
Typical Applications
Features
General Description
0.5 dB LSB 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
the HmC708lp5(e) is ideal for:
• Cellular infrastructure
• Wibro, WimaX and lte/ 4g
• microwave radio & Vsat
• test equipment and sensors
-2.5 to +29 db gain Control in 0.5 db steps
power-up state selection
High Output ip3: +37 dbm
low noise figure: 1 db
ttl/CmOs Compatible
serial, parallel, or latched parallel Control
±0.25 db typical step error
single +3V and +5V supply
32 lead 5x5mm smt package: 25mm2
the HmC708lp5(e) is a digitally controlled variable
gain amplifier which operates from 1700 mHz and
2200 gHz, and can be programmed to provide
between 2.5 db attenuation and +29 db of gain, in
0.5 db steps. the HmC708lp5(e) delivers noise
figure of 1 db in its maximum gain state, with output
ip3 of up to +37 dbm. the dual mode gain control
interface accepts either three wire serial input or
6 bit parallel word. the HmC708lp5(e) also features
a user selectable power up state and a serial
output for cascading other Hittite serially controlled
components. for 900 mHz applications please refer
to the HmC707lp5(e) data sheet.
Electrical Specifications, T
A = +25° C
Rbias = 270 Ohms for Vdd = +5V, Rbias = 10 kOhms for Vdd = +3V, Vdd = Vdd1 = Vdd2 = Vdd3
parameter
min.
typ.
max.
min.
typ.
max.
Units
Vdd = +3V
Vdd = +5V
frequency range
1.7 - 2.2
1.7 - 2.2
gHz
gain (maximum gain state)
23
27
25
30
db
gain Control range
31.5
31.5
db
input return loss
16.5
20.5
db
Output return loss
10.5
13.5
db
attenuation accuracy: (referenced to maximum gain state)
±(0.3 + 8%) of attenuation setting
±(0.2 + 5%) of attenuation setting
db
Output power for 1 db Compression
13
16
18
21.5
dbm
Output third Order intercept point
(two-tone input power= -10 dbm each tone)
32.5
37.5
dbm
noise figure
1.1
1
db
switching Characteristics
trise, tfall (50% Ctl to 90% rf)
trise
tfall
-
-
140
270
ns
ns
Current amplifier 1
30
47
65
80
97
135
ma
Current amplifier 2
130
155
190
130
155
190
ma
[1] two-tone output power @ -10 dbm [2] two-tone output power @ -5 dbm


Similar Part No. - HMC708LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC708LP5E HITTITE-HMC708LP5E Datasheet
605Kb / 12P
0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
More results

Similar Description - HMC708LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC707LP5 HITTITE-HMC707LP5 Datasheet
585Kb / 12P
0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC707LP5 HITTITE-HMC707LP5_10 Datasheet
989Kb / 12P
0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com