Electronic Components Datasheet Search
  English  ▼

X  

HMC708LP5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC708LP5
Description  0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC708LP5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC708LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
12 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC708LP5 / 708LP5E
v03.0409
0.5 dB LSB 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
20
24
28
32
36
40
1.5
1.7
1.9
2.1
2.3
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
-40
-30
-20
-10
0
1.5
1.7
1.9
2.1
2.3
2.5
Vdd=3V
Vdd=5V
FREQUENCY (GHz)
24
28
32
36
40
44
48
1.7
1.8
1.9
2
2.1
2.2
Pout=-15dBm
Pout=-10dBm
Pout= -5dBm
Pout= 0dBm
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
-20
-15
-10
-5
0
1.5
1.7
1.9
2.1
2.3
2.5
Vdd=3V
Vdd=5V
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
1.5 1.6
1.7 1.8 1.9
2
2.1 2.2 2.3
2.4 2.5
Vdd=3V
Vdd=5V
FREQUENCY (GHz)
Output IP3 vs. Tone Power [1]
Normalized Attenuation
(Only Major States are Shown)
Maximum Gain vs. Frequency [1]
Input Return Loss
(Only Major States are Shown)
Output IP3 vs. Attenuation @ 1900 MHz
Output Return Loss
(Only Major States are Shown)
0
10
20
30
40
0
4
8
12
16
20
24
28
32
Vdd=3V
Vdd=5V
ATTENUATION STATE (dB)
Power Out = -10dBm
[1] maximum gain state with digital attenuator set to minimum attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com