Electronic Components Datasheet Search
  English  ▼

X  

HMC717LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC717LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 4.8 - 6.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC717LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC717LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC717LP3 / 717LP3E
v02.0809
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 4.8 - 6.0 GHz
Output IP3 vs. Rbias @ 5900 MHz
20
23
26
29
32
35
100
1000
10000
100000
Vdd=3V
Vdd=5V
Rbias (Ohms)
Gain, Noise Figure & Rbias @ 5900 MHz
Output IP3 vs. Rbias @ 4800 MHz
20
22
24
26
28
30
32
100
1000
10000
100000
Vdd=3V
Vdd=5V
Rbias (Ohms)
Gain, Noise Figure & Rbias @ 4800 MHz
6
8
10
12
14
16
18
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
1000
10000
100000
Vdd=3V
Vdd=5V
Rbias (Ohms)
2
5
8
11
14
17
20
1
1.2
1.4
1.6
1.8
2
2.2
100
1000
10000
100000
Vdd=3V
Vdd=5V
Rbias (Ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com