Electronic Components Datasheet Search
  English  ▼

X  

HMC717LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC717LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 4.8 - 6.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC717LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC717LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 6
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+5.5V
rf input power (rfiN)
(Vdd = +5 Vdc)
+10 dBm
Channel Temperature
150 °C
Continuous pdiss (T= 85 °C)
(derate 7.73 mw/°C above 85 °C)
0.5 w
Thermal resistance
(channel to ground paddle)
129.5 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
esD sensitivity (HBm)
Class 1A
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
Vdd (V)
idd (mA)
2.7
23
3.0
31
3.3
39
4.5
60
5.0
73
5.5
85
Note: Amplifier will operate over full voltage ranges shown above.
Typical Supply Current vs. Supply Voltage
(Rbias = 2kΩ for Vdd = 5V, Rbias = 20kΩ for Vdd = 3V)
Vdd (V)
rbias (ohms)
idd (mA)
min
max
recommended
3V
2k [1]
open Circuit
2k
20
4.7k
26
20k
31
5V
150 [2]
open Circuit
261
50
1k
65
2k
73
[1] with Vdd= 3V and rbias < 2k
Ω may result in the part becoming conditionally stable which is not recommended.
[2] with Vdd = 5V and rbias<150
Ω may result in the part becoming conditionally stable which is not recommended.
Absolute Bias Resistor
Range & Recommended Bias Resistor Values
HMC717LP3 / 717LP3E
v02.0809
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 4.8 - 6.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com