Electronic Components Datasheet Search
  English  ▼

X  

HMC758LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC758LP3
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC758LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC758LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC758LP3 / 758LP3E
v00.1108
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 700 - 2200 MHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+6 V
rf input power (rfiN)
(Vdd = +5V)
+5 dBm
Channel Temperature
150 °C
Continuous pdiss (T= 85 °C)
(derate 20 mw/°C above 85 °C)
1.3 w
Thermal resistance
(channel to ground paddle)
50 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
Outline Drawing
part Number
package Body material
lead finish
msl rating
package marking [3]
HmC758lp3
low stress injection molded plastic
sn/pb solder
msl1
[1]
758
XXXX
HmC758lp3e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
758
XXXX
[1] max peak reflow temperature of 235 °C
[2] max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
NoTes:
1. leADfrAme mATeriAl: Copper AlloY
2. DimeNsioNs Are iN iNCHes [millimeTers]
3. leAD spACiNG TolerANCe is NoN-CUmUlATiVe
4. pAD BUrr leNGTH sHAll Be 0.15mm mAXimUm.
pAD BUrr HeiGHT sHAll Be 0.05mm mAXimUm.
5. pACKAGe wArp sHAll NoT eXCeeD 0.05mm.
6. All GroUND leADs AND GroUND pADDle
mUsT Be solDereD To pCB rf GroUND.
7. refer To HiTTiTe AppliCATioN NoTe for
sUGGesTeD lAND pATTerN.
Package Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com