Electronic Components Datasheet Search
  English  ▼

X  

HMC758LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC758LP3
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC758LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC758LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC758LP3 / 758LP3E
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 700 - 2200 MHz
v00.1108
General Description
Features
Functional Diagram
Typical Applications
Electrical Specifications, T
A = +25° C, R1= 390Ω, R2= 560Ω*
parameter
Vdd = +3V
Vdd = +5V
Units
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
700 - 1700
1700 - 2200
700 - 1700
1700 - 2200
mHz
Gain
19
21.8
16
19.4
20
22.7
18
21.3
dB
Gain Variation over Temperature
0.005
0.01
0.004
0.01
dB/ °C
Noise figure
1.6
2.5
1.4
1.8
1.7
2.6
1.6
2.0
dB
input return loss
15
13
14
14
dB
output return loss
11
15
10
12
dB
output power for 1 dB
Compression (p1dB)
16
18
18
20
20.5
22.5
22
24
dBm
saturated output power (psat)
20
21.5
23.5
25
dBm
output Third order intercept (ip3)
31
31.5
36
35
dBm
supply Current (idd)
80
102
130
80
102
130
190
227
260
190
227
260
mA
* r1 & r2 resistors set current, see application circuit herein
The HmC758lp3(e) is a GaAs pHemT mmiC low
Noise Amplifier that is ideal for Cellular infrastructure,
wimAX & lTe/4G basestation front-end receivers
operating between 700 and 2200 mHz. The amplifier
has been optimized to provide 1.7 dB noise figure,
21 dB gain and +37 dBm output ip3 from a single
supply of +5V. input and output return losses are
excellent with minimal external matching and bias
decoupling components. The HmC758lp3(e) can
be biased with +3V to +5V and features an externally
adjustable supply current, which allows the designer
to tailor the linearity performance of the lNA for
each application.
Noise figure: 1.7 dB
Gain: 22 dB
output ip3: +37 dBm
single supply: +3V to +5V
50 ohm matched input/output
16 lead 3x3 mm smT package: 9 mm2
The HmC758lp3(e) is ideal for:
• Cellular infrastructure, wimAX & lTe/4G
• software Defined radios
• repeaters and femtocells
• Access points
• Test & measurement equipment


Similar Part No. - HMC758LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC758LP3E HITTITE-HMC758LP3E Datasheet
403Kb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
More results

Similar Description - HMC758LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_06 Datasheet
350Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC372LP3 HITTITE-HMC372LP3_10 Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3_10 Datasheet
207Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
logo
Analog Devices
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com