Electronic Components Datasheet Search
  English  ▼

X  

HMC970 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC970
Description  2 WATT PIN MMIC HIGH ISOLATION SPDT SWITCH, 8 - 21 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC970 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC970 Datasheet HTML 1Page - Hittite Microwave Corporation HMC970 Datasheet HTML 2Page - Hittite Microwave Corporation HMC970 Datasheet HTML 3Page - Hittite Microwave Corporation HMC970 Datasheet HTML 4Page - Hittite Microwave Corporation HMC970 Datasheet HTML 5Page - Hittite Microwave Corporation HMC970 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC970
2 WATT PIN MMIC HIGH ISOLATION
SPDT SWITCH, 8 - 21 GHz
Features
Functional Diagram
General Description
the hMc970 is a broadband high isolation all-shunt
high ip3 design, reflective piN SpDt MMic chip.
covering 8 to 21 Ghz, the switch features 40 dB
isolation and low 1.2 dB isolation loss. the hMc970
is capable of switching 2w of power from 8 to
21 Ghz. the hMc970 operates from a positive
(30mA) supply current and a negative (-10V) supply
voltage and includes on chip bias network, thus
requiring no RF chokes to apply Dc bias. Bias control
signals for the switch consists of a reverse bias vol-
tage of -10V typical for ON state and a forward bias
current of 30 mA for the OFF state.
high isolation: 40 dB
Low insertion Loss: 1.2 dB
All-Shunt Reflective topology
high Linearity: +50 dBm input ip3
compact Die Size: 2.21 x 1.45 x 0.1 mm
Electrical Specifications, T
A = +25° C, With 30mA / -10V Control, 50 Ohm System
Typical Applications
the hMc970 is ideal for:
• telecom infrastructure
• Microwave Radio & VSAt
• Military Radios, Radar & ecM
• Space Systems
• test instrumentation
parameter
Frequency
Min.
typ.
Max.
Units
insertion Loss RFc to RF1
8 - 12 Ghz
12 - 21 Ghz
1.1
1.3
1.4
1.7
dB
dB
insertion Loss RFc to RF2
8 - 14 Ghz
14 - 18 Ghz
18 - 21 Ghz
0.9
1.2
1.4
1.2
1.6
1.7
dB
dB
dB
isolation
35
40
dB
Return Loss
“On State”
10
dB
dB
input power for 1 dB compression
34
dBm
input third Order intercept
(two-tone input power= +16 dBm each tone, 1 Mhz tone Separation)
50
dBm
v00.0111


Similar Part No. - HMC970

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
logo
Analog Devices
HMC973ALP3E AD-HMC973ALP3E Datasheet
1Mb / 8P
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.5 - 5.0 GHz
logo
Hittite Microwave Corpo...
HMC973LP3 HITTITE-HMC973LP3 Datasheet
790Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
HMC973LP3E HITTITE-HMC973LP3E Datasheet
790Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
More results

Similar Description - HMC970

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R6-00 ALPHA-AP640R6-00 Datasheet
71Kb / 2P
24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
283Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC132C8 HITTITE-HMC132C8_01 Datasheet
135Kb / 6P
GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
HMC234C8 HITTITE-HMC234C8_08 Datasheet
174Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC347C8 HITTITE-HMC347C8_08 Datasheet
178Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC975 HITTITE-HMC975 Datasheet
594Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 2 - 50 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com