Electronic Components Datasheet Search
  English  ▼

X  

HMC970 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC970
Description  2 WATT PIN MMIC HIGH ISOLATION SPDT SWITCH, 8 - 21 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC970 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC970 Datasheet HTML 1Page - Hittite Microwave Corporation HMC970 Datasheet HTML 2Page - Hittite Microwave Corporation HMC970 Datasheet HTML 3Page - Hittite Microwave Corporation HMC970 Datasheet HTML 4Page - Hittite Microwave Corporation HMC970 Datasheet HTML 5Page - Hittite Microwave Corporation HMC970 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Insertion Loss vs. Pin, RFC to RF1
Insertion Loss vs. Pin, RFC to RF2
Isolation
Return Loss
Insertion Loss, RFC to RF1
Isolation Loss, RFC to RF2
*isolation data taken with probe on the die
HMC970
v00.0111
2 WATT PIN MMIC HIGH ISOLATION
SPDT SWITCH, 8 - 21 GHz
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
6
8
10
12
14
16
18
20
22
24
+25C
+85C
-55C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
6
8
10
12
14
16
18
20
22
24
RFC/RF1 (RF2 ON)
RFC/RF2 (RF1 ON)
RF1/RF2 (RF1 ON)
RF1/RF2 (RF2 ON)
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
20
22
24
26
28
30
32
34
36
12GHz
14GHz
16GHz
INPUT POWER (dBm)
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
6
8
10
12
14
16
18
20
22
24
+25C
+85C
-55C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
22
24
RFC
RF1
RF2
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
20
22
24
26
28
30
32
34
36
12GHz
14GHz
16GHz
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com