Electronic Components Datasheet Search
  English  ▼

X  

HMC983LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC983LP5E
Description  DC - 7 GHZ FRACTIONAL-N DIVIDER AND FREQUENCY SWEEPER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC983LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC983LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
6 - 9
6
HMC983LP5E
v00.0911
DC - 7 GHZ FRACTIONAL-N DIVIDER
AND FREQUENCY SWEEPER
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating [2]
Package Marking [1]
HMC983LP5E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
H983
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °C
Package Information
Table 3. Absolute Maximum Ratings
Nominal 3V Supplies to GND
-0.3 to 3.6 V
Nominal 3V Digital Supply to 3V
Analog Supply
-0.3 to +0.3 V
Nominal 5V Supply to GND (VPPBUF) -0.3 to 5.5 V
divCkp, divCkn common mode DC
VCCPS + 0.5 V min
VCOIP, VCOIN Single Ended AC 50 Ω
Source
+ 7 dBm
VCOIP, VCOIN Differential AC 50 Ω
Source
+ 13 dBm
Digital Input Voltage Range
-0.25 to DVDD + 0.5 V
Minimum Digital Load
1 kΩ
Operating Temperature Range
-40 °C to +85 °C
Maximum Junction Temperature
125 °C
Storage Temperature
-65 to +125 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Thermal Resistance (Rth)
(junction to ground paddle)
40 °C/W
Reflow Soldering
Peak Temperature
Time at Peak Temperature
260 °C
40 s
ESD Sensitivity (HBM)
Class 1B
Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions
above those indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
NOTES:
[1] PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC
SILICA AND SILICON IMPREGNATED.
[2] LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY.
[3] LEAD AND GROUND PADDLE PLATING: 100% MATTE TIN.
[4] DIMENSIONS ARE IN INCHES [MILLIMETERS].
[5] LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
[6] PAD BURR LENGTH SHALL BE 0.15 mm MAX. PAD BURR HEIGHT SHALL BE
0.25 m MAX.
[7] PACKAGE WARP SHALL NOT EXCEED 0.05 mm
[8] ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB
RF GROUND.
[9] REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND
PATTERN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com