Electronic Components Datasheet Search
  English  ▼

X  

HMC983LP5E Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC983LP5E
Description  DC - 7 GHZ FRACTIONAL-N DIVIDER AND FREQUENCY SWEEPER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC983LP5E Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC983LP5E Datasheet HTML 17Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
6 - 21
6
HMC983LP5E
v00.0911
DC - 7 GHZ FRACTIONAL-N DIVIDER
AND FREQUENCY SWEEPER
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
Table 6. HMC983LP5E Sweeper Configuration Sequence
Steps
Description
Sweeper Modes
2-Way Sweep Mode
User Defined Sweep Mode
1-Way Sweep Mode
1
Lock to start
frequency (fo)
• set the integer (Reg 05h) and fractional (Reg 06h and Reg 07h) divider values.
• Optionally, if required the seed (Reg 0Ah and Reg 0Bh) can also be programmed
2
Place the DSM
in sweep mode
• Write Reg 0Eh[11] = 1
3
Configure
sweep mode
• Disable single step ramp mode (Reg
0Eh[24] = 0), so that each frequency
increment
will
be
incremented
automatically
• Enable 2-way sweep mode (Disable
1-way sweep mode (Reg 0Eh[25]
= 0))
• To place the HMC983LP5E in
automatic
sweep
mode
write
Reg 0Eh[2:3] = ‘11’. To place the
HMC983LP5E in triggered mode
write Reg 0Eh[2:3] = ‘00’.
• Enable the single step ramp mode
(Reg 0Eh[24] = 1), so that each
frequency increment will require a
trigger
• Enable 1-way sweep mode (Reg
0Eh[25] = 1), or enable 2-Way
sweep mode (Reg 0Eh[25] = 1)
• To place the HMC983LP5E in
triggered mode write Reg 0Eh[2:3] =
‘00’. Automatic User Defined Sweep
mode is not supported.
• Disable single step ramp mode (Reg
0Eh[24] = 0), so that each frequency
increment
will
be
incremented
automatically
• Enable 1-way sweep mode (Reg
0Eh[25] = 1)
• To place the HMC983LP5E in
triggered mode write Reg 0Eh[2:3] =
‘00’. Automatic 1-Way Sweep mode
is not supported.
4
Program
Sweep
Direction
• Reg 0Eh[26] = 1 begin sweep in positive direction, Reg 0Eh[26] = 0 begin sweep in negative direction
5
Configure
symmetrical/
asymmetrical
sweep
• Program ramp mode (symmetrical - Reg 0Eh[22] = 1, asymmetrical - Reg
0Eh[22] = 0). If symmetrical ramp mode is selected (Reg 0Eh[22] = 1), only
Up sweep parameters will be used for both positive and negative sweeps,
and hence down sweep parameters don’t need to be programmed. In
symmetrical ramp mode the positive and negative ramps are identical and
opposite in direction.
• Program Reg 0Eh[22] = 1.
Asymmetrical sweep is not defined
in 1-Way Sweep mode
6
Program
Up Sweep
Parameters
• Set dwell time(dwell time[47:0] = Reg 10h[29:0], dwell time[17:0] = Reg 11h[17:0])
• Set step size (step size[47:18] = Reg 12h[29:0], step size[17:0] = Reg 13h[17:0])
• Set the number of steps in a sweep (number of steps[47:18] = Reg 14h[29:0], number of steps[17:0] = Reg 15h[17:0])
7
Program
Down Sweep
Parameters
(Only if using
asymmetrical
sweep (if Reg
0Eh[22] = 0) in
Step 5)
• Set dwell time (dwell time[47:0] = Reg 06h[47:18], dwell time[17:0] = Reg
07h[17:0])
• Set step size (step size[47:18] = Reg 19h[29:0], step size[17:0] = Reg
1Ah[17:0])
• Set the number of steps in a sweep (number of steps[47:18] = Reg 0Ch[29:0],
number of steps[17:0] = Reg 0Dh[17:0])
• Asymmetrical sweep is not defined
in 1-Way Sweep mode
8
Configure and
apply trigger
• To use SPI trigger write Reg 0Eh[13] = 0 to select SPI trigger. SPI trigger is executed by writing to Reg 0Eh[12] = 1.
• To use external trigger on pin D4 write Reg 0Eh[13] = 1 to configure pin D4 as an external trigger. Write Reg 08h[13]
= 0h to configure pin D4 to be an input. Applying master enable to GPIO pins (Reg 01h[4] = 1 ) is required.
• Enable trigger delay (Reg 0Eh[7] = 1), or disable trigger delay (Reg 0Eh[7] = 0).
• If using trigger delay, write delay value to Reg 05h[20:0], where Reg 05h[20:0] = number of delayed reference
periods. Writing Reg 05h[20:0] = 1 for example ensures that the trigger is applied at the instant of the rising edge
of the next reference rising edge.
HMC983LP5E sweep parameters are defined in the following way:
fo
Initial frequency of the synthesizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com