Electronic Components Datasheet Search
  English  ▼

X  

HMC987LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC987LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC987LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
3 - 9
3
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC987LP5E
v00.0611
LOW NOISE 1:9 FANOUT BUFFER
DC - 8 GHz
Table 2. Pin Descriptions
Pin Number
Function
Description
1
VCCHF
Power Supply
2
CLKP
Differential clock inputs
3
CLKN
4
SDI
Serial port data input
5
SDO
Serial port data output
6
PMODE-SEL
Parallel mode select. If 1, pins (SCLK, SDI, SEN) are interpreted as a control-word which enables
different buffers. See section Parallel Port Control
7
RFOUTP
Differential signal output
8
RFOUTN
9
VCCRF
Power supply
10
SCLK
Serial port clock
11
SEN
Serial port latch enable
12
OUTP8
Differential signal output
13
OUTN8
14
OUTP7
Differential signal output
15
OUTN7
16
VCCB
Power supply
17
OUTN6
Differential signal output
18
OUTP6
19
OUTN5
Differential signal output
20
OUTP5
21
OUTP4
Differential signal output
22
OUTN4
23
OUTP3
Differential signal output
24
OUTN3
25
VCCA
Power supply
26
OUTN2
Differential signal output
27
OUTP2
28
OUTN1
Differential signal output
29
OUTP1
30
RFBUFEN
Active high RF buffer enable. The polarity of this control input can be swapped via SPI bit
Reg03h[4].
31
CEN
Hardware chip enable
32
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com