Electronic Components Datasheet Search
  English  ▼

X  

HMC987LP5E Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC987LP5E Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC987LP5E Datasheet HTML 16Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 17Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC987LP5E Datasheet HTML 24Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
3 - 21
3
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC987LP5E
v00.0611
LOW NOISE 1:9 FANOUT BUFFER
DC - 8 GHz
The Master (host), on the first 9 falling edges of SCLK places 9 bit data, d8:d0, MSB first, on SDI as shown in Figure
36. d8:d0 should be set to zero. d3:d0 = address of the register to be READ on the next cycle.
a. The slave (HMC987LP5E) shifts in data on SDI on the first 9 rising edges of SCLK
b. Master places 4 bit register address , r3:r0, ( the address the WRITE ADDRESS register), MSB first, on the
next 4 falling edges of SCLK (10-13). r3:r0=0000.
c. Slave shifts the register bits on the next 4 rising edges of SCLK (10-13).
d. Master places 3 bit chip address, a2:a0, MSB first, on the next 3 falling edges of SCLK (14-16). The
HMC987LP5E chip address is fixed at 001.
e. Slave shifts the chip address bits on the next 3 rising edges of SCLK (14-16).
f.
Master asserts SEN after the 16th rising edge of SCLK.
g. Slave registers the SDI data on the rising edge of SEN.
h. Master clears SEN to complete the address transfer of the two part READ cycle.
i.
If we do not wish to write data to the chip at the same time as we do the second cycle , then it is
recommended to simply rewrite the same contents on SDI to Register zero on the READ back part of the
cycle.
j.
Master places the same SDI data as the previous cycle on the next 16 falling edges of SCLK.
k. Slave (HMC987LP5E) shifts the SDI data on the next 16 rising edges of SCLK.
l.
Slave places the desired data (i.e. data from address in Reg00h[3:0]) on SDO on the next 16 rising edges of
SCLK.
m. Master asserts SEN after the 16th rising edge of SCLK to complete the cycle.
Note that if the chip address bits are unrecognized (a2:a0), the slave will tri-state the SDO output to prevent a possible
bus contention issue.
Table 8. SPI Open Mode - Read Timing Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
t2
t3
t4
t5
t6
t7
SDI setup time
SDI hold time
SEN low duration
SEN high duration
SCLK Rising Edge to SDO time
SEN to SCLK Recovery Time
SCLK 16 Rising Edge to SEN Rising Edge
3
3
10
10
10
10
8.2+0.2ns/pF
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com