Electronic Components Datasheet Search
  English  ▼

X  

GS1508 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS1508
Description  HDTV Cable Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1508 Datasheet HTML 6Page - Gennum Corporation GS1508 Datasheet HTML 7Page - Gennum Corporation GS1508 Datasheet HTML 8Page - Gennum Corporation GS1508 Datasheet HTML 9Page - Gennum Corporation GS1508 Datasheet HTML 10Page - Gennum Corporation GS1508 Datasheet HTML 11Page - Gennum Corporation GS1508 Datasheet HTML 12Page - Gennum Corporation GS1508 Datasheet HTML 13Page - Gennum Corporation GS1508 Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GS1508 HD-LINX™ HDTV Cable Driver
Data Sheet
9500 - 6
August 2010
11 of 14
5.2 PCB Layout
Special attention must be paid to component layout when designing serial digital interfaces
for HDTV. Figure 5-3 through Figure 5-6 show the artwork for a four-layer printed circuit
evaluation board for the GS1508. The schematic is shown in Figure 5-2. An FR-4 dielectric
can be used, however, controlled impedance transmission lines are required for PCB traces
longer than approximately 1cm. Note the following PCB artwork features used to optimize
performance:
• PCB trace width for HD rate signals is closely matched to SMT component width to
minimize reflections due to change in trace impedance
• The PCB ground plane is removed under the GS1508 output components to minimize
parasitic capacitance
• The PCB ground plane is removed under the GS1508 RSET pin and resistor to minimize
parasitic capacitance
• Input and output BNC connectors are surface-mounted in-line to eliminate a
transmission line stub caused by a BNC mounting via high-speed traces, which are
curved to minimize impedance changes due to change of PCB trace width
5.3 GS1508 Evaluation Board
5.3.1 EB1508 PCB Schematic
Figure 5-2: Schematic Diagram for the GS1508 Evaluation Board
R10
75
L2 10n
R9
75
C17 0p5
L3 10n
C18 0p5
EDGEMNT_BNC
EDGEMNT_BNC
J4
J5
C11
4µ7
C12
4µ7
VCC
VCC
C10
100n
R8
75
R7
C15
10n
75
SDO
SDO
GND
SDI
SDI
VEE
RSET VCC
R12
50
R13
50
C16
1n
1µ
1µ
EDGEMNT_BNC
C13
C14
J6
J7
EDGEMNT_BNC
VCC
TP1
TP2
C1
C2
C3
1µ
100n
1n
All resistors in Ohms and
all capacitors in Farads
unless otherwise shown.
R11
53.6
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com