Electronic Components Datasheet Search
  English  ▼

X  

GS1508 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS1508
Description  HDTV Cable Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508 Datasheet(HTML) 3 Page - Gennum Corporation

  GS1508 Datasheet HTML 1Page - Gennum Corporation GS1508 Datasheet HTML 2Page - Gennum Corporation GS1508 Datasheet HTML 3Page - Gennum Corporation GS1508 Datasheet HTML 4Page - Gennum Corporation GS1508 Datasheet HTML 5Page - Gennum Corporation GS1508 Datasheet HTML 6Page - Gennum Corporation GS1508 Datasheet HTML 7Page - Gennum Corporation GS1508 Datasheet HTML 8Page - Gennum Corporation GS1508 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GS1508 HD-LINX™ HDTV Cable Driver
Data Sheet
9500 - 6
August 2010
3 of 14
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
TA = 25°C unless otherwise indicated
Parameter
Value
Supply Voltage5.5V
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range0°C to 70°C
Storage Temperature
-65°C to +150°C
Power Dissipation
300mW
Lead Temperature (soldering, 10 sec)260°C
Input ESD Voltage
2000V
Table 2-2: DC Electrical Characteristics
VCC = 5V, TA = 0°C to 70°C unless otherwise shown.
Specifications assume 800mV output amplitude level settings into end terminated 75Ω transmission lines. Data Rate = 1485Mb/s unless
otherwise shown.
Parameter
Condition
Symbol
Min
Typ
Max
Units
Notes
Test
Level
Supply Voltage—
VCC
4.75
5.00
5.25
V
—
1
System Power
Consumption
Driving two
75Ω cables
PD
—
215
265mW
—
1
Supply Current
—
IS
—43
54
mA
—
1
Common Mode
Input Voltage
Range
—VCM,IN
2.5+(VDIFF/2)—
VCC-(VDIFF/2)V
—
2
Common Mode
Output Voltage
Range
—VCM,OUT
—VCC-VOUT
—V
—
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com