Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1194
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1194 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1194 Datasheet HTML 1Page - Texas Instruments ADS1194 Datasheet HTML 2Page - Texas Instruments ADS1194 Datasheet HTML 3Page - Texas Instruments ADS1194 Datasheet HTML 4Page - Texas Instruments ADS1194 Datasheet HTML 5Page - Texas Instruments ADS1194 Datasheet HTML 6Page - Texas Instruments ADS1194 Datasheet HTML 7Page - Texas Instruments ADS1194 Datasheet HTML 8Page - Texas Instruments ADS1194 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FAMILY AND ORDERING INFORMATION(1)
MAXIMUM
OPERATING
PACKAGE
NUMBER OF
ADC
SAMPLE RATE
TEMPERATURE
RESPIRATION
PRODUCT
OPTION
CHANNELS
RESOLUTION
(kSPS)
RANGE
CIRCUITRY
BGA
4
16
8
0
°C to +70°C
No
ADS1194
TQFP
4
16
8
0
°C to +70°C
No
BGA
6
16
8
0
°C to +70°C
No
ADS1196
TQFP
6
16
8
0
°C to +70°C
No
BGA
8
16
8
0
°C to +70°C
No
ADS1198
TQFP
8
16
8
0
°C to +70°C
No
ADS1294
BGA
4
24
32
0
°C to +70°C
External
ADS1294R
BGA
4
24
32
–40°C to +85°C
Yes
ADS1294
TQFP
4
24
32
–40°C to +85°C
External
ADS1296
BGA
6
24
32
0
°C to +70°C
External
ADS1296R
BGA
6
24
32
–40°C to +85°C
Yes
ADS1296
TQFP
6
24
32
–40°C to +85°C
External
ADS1298
BGA
8
24
32
0
°C to +70°C
External
ADS1298R
BGA
8
24
32
–40°C to +85°C
Yes
ADS1298
TQFP
8
24
32
–40°C to +85°C
External
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
2
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com