Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1194
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1194 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1194 Datasheet HTML 1Page - Texas Instruments ADS1194 Datasheet HTML 2Page - Texas Instruments ADS1194 Datasheet HTML 3Page - Texas Instruments ADS1194 Datasheet HTML 4Page - Texas Instruments ADS1194 Datasheet HTML 5Page - Texas Instruments ADS1194 Datasheet HTML 6Page - Texas Instruments ADS1194 Datasheet HTML 7Page - Texas Instruments ADS1194 Datasheet HTML 8Page - Texas Instruments ADS1194 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS1294, ADS1296, ADS1298
UNIT
ADS1294R, ADS1296R, ADS1298R
AVDD to AVSS
–0.3 to +5.5
V
DVDD to DGND
–0.3 to +3.9
V
AVSS to DGND
–3 to +0.2
V
VREF input to AVSS
AVSS
– 0.3 to AVDD + 0.3
V
Analog input to AVSS
AVSS
– 0.3 to AVDD + 0.3
V
Digital input voltage to DGND
–0.3 to DVDD + 0.3
V
Digital output voltage to DGND
–0.3 to DVDD + 0.3
V
Digital input voltage to DGND
–0.3 to DVDD + 0.3
V
Digital output voltage to DGND
–0.3 to DVDD + 0.3
V
Input current (momentary)
100
mA
Input current (continuous)
10
mA
Commerical Grade: ADS1294, ADS1296, ADS1298
0 to +70
°C
Operating
temperature
Industrial grade: ADS1294I, ADS1296I, ADS1298I,
–40 to +85
°C
range
ADS1294RI, ADS1296RI, ADS1298RI
Human body model (HBM)
±2000
V
JEDEC standard 22, test method A114-C.01, all pins
ESD ratings
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
Storage temperature range
–60 to +150
°C
Maximum junction temperature (TJ)
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL INFORMATION
ADS1294/6/8/
ADS1294/6/8
4R/6R/8R
THERMAL METRIC(1)
UNITS
PAG
ZXG
64 PINS
64 PINS
θJA
Junction-to-ambient thermal resistance
35
48
θJCtop
Junction-to-case (top) thermal resistance
31
8
θJB
Junction-to-board thermal resistance
26
25
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.5
ψJB
Junction-to-board characterization parameter
—
22
θJCbot
Junction-to-case (bottom) thermal resistance
—
—
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com