Electronic Components Datasheet Search
  English  ▼

X  

TUSB9261 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9261
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9261 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB9261 Datasheet HTML 5Page - Texas Instruments TUSB9261 Datasheet HTML 6Page - Texas Instruments TUSB9261 Datasheet HTML 7Page - Texas Instruments TUSB9261 Datasheet HTML 8Page - Texas Instruments TUSB9261 Datasheet HTML 9Page - Texas Instruments TUSB9261 Datasheet HTML 10Page - Texas Instruments TUSB9261 Datasheet HTML 11Page - Texas Instruments TUSB9261 Datasheet HTML 12Page - Texas Instruments TUSB9261 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TUSB9261
www.ti.com
SLLSE67B
– MARCH 2011 – REVISED MAY 2011
4
OPERATION
4.1
General Functionality
The TUSB9261 ROM contains boot code that executes after a global reset which performs the initial
configuration required to load a firmware image from an attached SPI flash memory to local RAM. In the
absence of an attached SPI flash memory or a valid image in the SPI flash memory, the firmware will idle
and wait for a connection from a USB host through its HID interface which is also configured from the boot
code. The latter can be accomplished using a custom application or driver to load the firmware from a file
resident on the host system.
Once the firmware is loaded it configures the SATA advanced host controller interface host bus adapter
(AHCI) and the USB device controller. In addition, the configuration of the AHCI includes a port reset
which initiates an out of band (OOB) TX sequence from the AHCI link layer to determine if a device is
connected, and if so negotiate the connection speed with the device (3.0 Gbps or 1.5 Gbps).
The configuration of the USB device controller includes creation of the descriptors, configuration of the
device endpoints for support of UASP and USB mass storage class bulk-only transport (BOT), allocation
of memory for the transmit request blocks (TRBs), and creation of the TRBs necessary to transmit and
receive packet data over the USB. In addition, the firmware provides any other custom configuration
required for application specific implementation, for example a HID interface for user initiated backup.
After USB device controller configuration is complete, if a SATA device was detected during the AHCI
configuration the firmware connects the device to the USB bus when VBUS is detected. According to the
USB 3.0 specification, the TUSB9261 will initially try to connect at SuperSpeed USB, if successful it will
enter U0; otherwise, after the training time out it will enable the DP pull up and connect as a USB 2.0
high-speed or full-speed device depending on the speed supported by host or hub port.
When connected, the firmware presents the BOT interface as the primary interface and the UASP
interface as the secondary interface. If the host stack is UASP aware, it can enable the UASP interface
using a SET_INTERFACE request for alternate interface 1.
Following speed negotiation, the device should transmit a device to host (D2H) FIS with the device
signature. This first D2H FIS is received by the link layer and copied to the port signature register. When
firmware is notified of the device connection it queries the device for capabilities using the IDENTIFY
DEVICE command. Firmware then configures the device as appropriate for its interface and features
supported, for example an HDD that supports native command queuing (NCQ).
Copyright
© 2011, Texas Instruments Incorporated
OPERATION
9
Submit Documentation Feedback
Product Folder Link(s): TUSB9261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com