Electronic Components Datasheet Search
  English  ▼

X  

TUSB9261 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9261
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9261 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB9261 Datasheet HTML 15Page - Texas Instruments TUSB9261 Datasheet HTML 16Page - Texas Instruments TUSB9261 Datasheet HTML 17Page - Texas Instruments TUSB9261 Datasheet HTML 18Page - Texas Instruments TUSB9261 Datasheet HTML 19Page - Texas Instruments TUSB9261 Datasheet HTML 20Page - Texas Instruments TUSB9261 Datasheet HTML 21Page - Texas Instruments TUSB9261 Datasheet HTML 22Page - Texas Instruments TUSB9261 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TUSB9261
www.ti.com
SLLSE67B
– MARCH 2011 – REVISED MAY 2011
7.4
DC Electrical Characteristics for 3.3-V Digital I/O
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
TR
Rise time
5 pF
1.5
ns
TF
Fall time
5 pF
1.53
ns
IOL
Low-level output current
VDD33 = 3.3 V, TJ = 25°C
6
mA
IOH
High-level output current
VDD33 = 3.3 V, TJ = 25°C
–6
mA
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
VOH
High-level output voltage
IOL = –2 mA
2.4
V
VO
Output voltage
0
VDD33
V
RECEIVER
VI
Input voltage
0
VDD33
V
VIL
Low-level input voltage
0
0.8
V
VIH
High-level input voltage
2
V
Vhys
Input hysteresis
200
mV
tT
Input transition time (TR and TF)
10
ns
II
Input current
VI = 0 V to VDD33
5
µA
CI
Input capacitance
VDD33 = 3.3 V, TJ = 25°C
0.384
pF
Copyright
© 2011, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
19
Submit Documentation Feedback
Product Folder Link(s): TUSB9261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com