Electronic Components Datasheet Search
  English  ▼

X  

GS7032 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS7032
Description  Digital Video Serializer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7032 Datasheet(HTML) 2 Page - Gennum Corporation

  GS7032 Datasheet HTML 1Page - Gennum Corporation GS7032 Datasheet HTML 2Page - Gennum Corporation GS7032 Datasheet HTML 3Page - Gennum Corporation GS7032 Datasheet HTML 4Page - Gennum Corporation GS7032 Datasheet HTML 5Page - Gennum Corporation GS7032 Datasheet HTML 6Page - Gennum Corporation GS7032 Datasheet HTML 7Page - Gennum Corporation GS7032 Datasheet HTML 8Page - Gennum Corporation GS7032 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
14583 - 04
2 of 9
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (VS = VCC-VEE)5.5V
Input Voltage Range (any input)
VEE<VIN<VCC
DC Input Current (any one input)
5mA
Power Dissipation (VCC = 5.25V)
1200mW
θ
j-a
42.5°C/W
θ
j-c
6.4°C/W
Maximum Die Temperature
125°C
Operating Temperature Range
0°C
≤ T
A ≤ 70°C
Storage Temperature Range
-65°C
≤ T
S ≤ 150°C
Lead Temperature (soldering, 10 sec)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0° – 70°C unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Positive Supply Voltage
VCC
Operating Range
4.75
5.00
5.25
V
3
Power (System Power)
P
VCC = 5.0V, T = 25°C (2 outputs)
-
550
-
mW
5
Supply Current
Ι
CC
VCC = 5.25V (2 outputs)
-
-
160
mA
1
VCC = 5.0V, T = 25°C (2 outputs)
-
110
-
mA
3
Data & Clock Inputs
(PD[9:0] PCLKIN)
SYNC DIS
VIH
Logic Input High (wrt VEE)2.4
-
-
V
3
VIL
Logic Input Low (wrt VEE)-
-
0.8
V
Ι
L
Input Current
-
-
8.0
µA
Logic Input Levels
(Bypass, RESET)
VIH
Logic Input High (wrt to VEE)2.4
-
-
V
3
VIL
Logic Input Low (wrt to VEE)-
-
0.8
V
Ι
L
Input Current
-
-
5.0
µA
Lock Detect Output
VOL
Sinking 500µA
-
-
0.4
V
1
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated
test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com